Part Number Hot Search : 
74286 C829B SR30200 P6KE51A 16STA025 1209S SST4392 2SK36
Product Description
Full Text Search
 

To Download CDLL5532B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5518BUR-1 THRU 1N5546BUR-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/437 * ZENER DIODE, 500mW * LEADLESS PACKAGE FOR SURFACE MOUNT * LOW REVERSE LEAKAGE CHARACTERISTICS * METALLURGICALLY BONDED
1N5518BUR-1 thru 1N5546BUR-1 and CDLL5518 thru CDLL5546D
MAXIMUM RATINGS
Junction and Storage Temperature: -65C to +125C DC Power Dissipation: 500 mW @ TEC = +125C Power Derating: 10 mW / C above TEC = +125C Forward Voltage @ 200mA: 1.1 volts maximum ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
B-C-D SUFFIX MAXIMUM DC ZENER
CDI TYPE NUMBER
NOMINAL ZENER ZENER TEST VOLTAGE CURRENT VZ@ 1ZT (NOTE 2) VOLTS 1ZT
MAX. ZENER IMPEDANCE B-C-D SUFFIX ZZT @ 1ZT (NOTE 3) OHMS
MAXIMUM REVERSE LEAKAGE CURRENT
REGULATION FACTOR CURRENT VZ (NOTE 5) VOLTS
LOW VZ CURRENT 1ZL
(NOTE 1)
lR (NOTE 4)
VR = VOLTS NON & ASUFFIX B-C-DSUFFIX
1ZM
mA
Adc
5.0 3.0 1.0 3.0 2.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
mA
mA
CDLL5518B CDLL5519B CDLL5520B CDLL5521B CDLL5522B CDLL5523B CDLL5524B CDLL5525B CDLL5526B CDLL5527B CDLL5528B CDLL5529B CDLL5530B CDLL5531B CDLL5532B CDLL5533B CDLL5534B CDLL5535B CDLL5536B CDLL5537B CDLL5538B CDLL5539B CDLL5540B CDLL5541B CDLL5542B CDLL5543B CDLL5544B CDLL5545B CDLL5546B
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 28.0 30.0 33.0
20 20 20 20 10 5.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
26 24 22 18 22 26 30 30 30 35 40 45 60 80 90 90 100 100 100 100 100 100 100 100 100 100 100 100 100
0.90 0.90 0.90 1.0 1.5 2.0 3.0 4.5 5.5 6.0 6.5 7.0 8.0 9.0 9.5 10.5 11.5 12.5 13.0 14.0 15.0 16.0 17.0 18.0 20.0 21.0 23.0 24.0 28.0
1.0 1.0 1.0 1.5 2.0 2.5 3.5 5.0 6.2 6.8 7.5 8.2 9.1 9.9 10.8 11.7 12.6 13.5 14.4 15.3 16.2 17.1 18.0 19.8 21.6 22.4 25.2 27.0 29.7
115 105 98 88 81 75 68 61 56 51 46 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 13 12
0.90 0.90 0.85 0.75 0.60 0.65 0.30 0.20 0.10 0.05 0.05 0.05 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.30 0.35 0.40 0.45 0.50
2.0 2.0 2.0 2.0 1.0 0.25 0.25 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1
No Suffix type numbers are +20% with guaranteed limits for only VZ, lR, and VF. Units with "A" suffix are +10% with guaranteed limits for VZ, lR, and VF. Units with guaranteed limits for all six parameters are indicated by a "B" suffix for +5.0% units, "C" suffix for+2.0% and "D" suffix for +1.0%. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of1ZT.
NOTE 2 NOTE 3 NOTE 4 NOTE 5
Reverse leakage currents are measured at VR as shown on the table. VZ is the maximum difference between VZ at lZT and VZ at lZL measured with the device junction in thermal equilibrium.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
CDLL5518
thru
FIGURE 2
CDLL5546D
Pd, Rated Power Dissipation (mW)
500 400 300 200 100 0 0 25 50 75 100 125 150 175
TEC , End cap temperature (C)
POWER DERATING CURVE
1000
500 400 300 200
ZENER IMPEDANCE ZZT (OHMS)
100
50 40 30 20
28 VOLT
10 5 4 3 2
11 VOLT
6.8 VOLT
1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of CDLL5532B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X